PART |
Description |
Maker |
TC7652CPD TC7652 TC7652CPA |
Low Noise/ Chopper Stabilized Operational Amplifier Low Noise, Chopper Stabilized Operational Amplifier The TC7652 is a lower noise version of the TC7650, sacrificing some input specifications (bias current and bandwidth)to achieve a 10x reduction in noise.All the other benefits of the chopper technique are present,i.e.freedom from offset ad
|
MICROCHIP[Microchip Technology]
|
AM50-0006 AM50-0006PCS AM50-0006PDC AM50-0006TR AM |
1400-2000 MHz, low noise amplifier Circular Connector; No. of Contacts:128; Series:MS27505; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:25; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No Low Noise Amplifier 1400 - 2000 MHz 1400-1520 MHz, low noise amplifier
|
MACOM[Tyco Electronics] MA-Com
|
EL2126CS-T EL2126CW-T EL2126CW-T7A EL2126CW-T7 EL2 |
Ultra-Low Noise/ Low Power/ Wideband Amplifier Op Amp, 100MHz Wideband, Ultra Low Noise 1.3nV/√Hz, Low Power, 2.5-15VDC Ultra-Low Noise Low Power Wideband Amplifier
|
INTERSIL[Intersil Corporation]
|
2SC4703 2SC4703NE46234 2SC4703SH |
MICROWAVE LOW NOISE, LOW DISTORTION AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MICROWAVE LOW NOISE LOW DISTORTION AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MICROWAVE LOW NOISE/ LOW DISTORTION AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits BJT
|
NEC[NEC] NEC Corp.
|
OP-27EP OP-27GZ OP-27 OP-27AJ OP-27AZ OP-27BJ OP-2 |
LOW NOISE, PRECISION OPERATIONAL AMPLIFIER 低噪声,高精度运算放大器 Low Noise, Precision Operational Amplifier; Package: LCC:CER LEADLESS CHIP CARR; No of Pins: 20; Temperature Range: Military OP-AMP, 200 uV OFFSET-MAX, 8 MHz BAND WIDTH, PQCC20 Low Noise, Precision Operational Amplifier; Package: ROUND HEADER/METAL CAN; No of Pins: 8; Temperature Range: Military OP-AMP, 60 uV OFFSET-MAX, 8 MHz BAND WIDTH, MBCY8 4" CONN,COMP.,EMT,DC 低噪声,高精度运算放大器 LOW NOISE PRECISION OPERATIONAL AMPLIFIER
|
Analog Devices, Inc. Linear Technology, Corp. AD[Analog Devices]
|
UPA827 UPA827TF UPA827TF-T1 PA827TF |
High-Frequecy Low-Noise Amplifier NPN Transistor(高频低噪声放大器NPN晶体 HIGH-FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TWIN TRANSISTOR WITH BUILT-IN 6-PIN 2 x 2SC5179 THIN-TYPE SMALL MINI MOLD
|
NEC Corp.
|
TGA8310 TGA8310-SCC |
Low-Noise Amplifier Monolithic low - noise distributed amplifier
|
TriQuint Semiconductor,Inc. TRIQUINT[TriQuint Semiconductor]
|
BGA428 |
BGA428 High Gain/ Low Noise Amplifier BGA428 High Gain Low Noise Amplifier Silicon MMICs - 19dB LNA, 1.4...2.5GHz, NF=1.4dB, 50Ohm, SOT363
|
INFINEON[Infineon Technologies AG]
|
AMMC-6231 |
AMMC-6231 · 16-32 GHz Low Noise Amplifier 16?2 GHz Low Noise Amplifier
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
AA038N1-99 |
261 GHz Low Noise Amplifier 26-41 GHz Low Noise Amplifier GT 4C 4#4 PIN PLUG
|
Alpha Industries Inc ALPHA[Alpha Industries] Alpha Industries, Inc.
|
MAX2130 MAX2130EUA MAX213 MAX2130EUAT |
Broadband / Two-Output / Low-Noise Amplifier for TV Tuner Applications Broadband, Two-Output, Low-Noise Amplifier for TV Tuner Applications 44 MHz - 878 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ZRL-2150 |
IC FLASH 8MX16 90NS TSOP 85 LOW NOISE AMPLIFIER 50з 950 to 2150 MHz LOW NOISE AMPLIFIER 50 950 to 2150 MHz
|
MINI[Mini-Circuits]
|